PART |
Description |
Maker |
PLFR3502-3506 |
35.0 Amp LUCAS AUTO PRESSFIT 35.0 Amp LUCAS AUTO PRESSFIT High surge current capability
|
FCI connector First Components International
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
TC911 TC911A TC911BCOA TC911BCPA TC911ACOA TC911AC |
Monolithic Auto-Zeroed Operational Amplifers Monolithic Auto-Zeroed Operational Amplifers 单片自动清零操作Amplifers 50 AMP LATCHING POWER RELAY The TC911 CMOS auto-zeroed operational amplifier is the first complete monolithic chopper-stabilized ampli-fier. Chopper operational amplifiers like the ICL7650/7652 and LTC1052 require user-supplied, external offset compensation storage c
|
http:// TelCom Semiconductor, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
AD8553 |
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
|
Analog Devices
|
AD8563ARMZ-R2 AD8563ARMZ-REEL ANALOGDEVICESINC-AD8 |
1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
|
Analog Devices, Inc. ANALOG DEVICES INC
|
PHFR3502-3506 |
35.0 Amp HITACHI TYPE AUTO PRESSFIT
|
FCI connector
|
B5002 B5006 B5004 BYFR5004 BYFR5002 BYFR5006 |
50.0 Amp Y-LEAD BLOCK AUTO DIODES
|
First Components International First Components Intern...
|
PTFR3504 PTFR3502-3506 PTFR3506 |
35.0 Amp TIN CAN AUTO DIODE High surge current capability
|
First Components International FCI connector
|
1274239-4 |
Coaxial Snap-Lock ( Auto ); CONTACT, MALE, RG62U, MODIFIED ( AMP )
|
Tyco Electronics
|
PIFR5004 PIFR5006 |
50.0 Amp INSULATE FLAG TYPE AUTO PRESSFIT High surge current capability
|
First Components International
|
C1210X475K5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|